Part Number Hot Search : 
TX715 SB2510M 24C08 N6351 142PC30G 18000 ENTRAL EGL341H
Product Description
Full Text Search
 

To Download 3R-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3R-100 100watt mountable non-inductive,high frequency resistors  3R-100(to-227, sot-227, isotop) non-inductive design these elements are ideally suites for high frequency and pulse load applications. by direct mounting on a heatsink signifcant cost advantages can be reailzed. 3R-100(to-227) can be supplied in a 2-terminal or 4- terminal version double or max. 3- fold resistors are available. main applications are variable speed drives, power supplies, control devices, telecom, robotics, motor controls, dynamic braking, and other switching designs, rf applications, soft start. 3R-100 ( to-227 )device, non- inductive 100watt power resistor d iemension v ersions dim millimeters 1 inches min. max. min. max a 38.00 38.20 1.496 1.503 b 30.10 30.30 1.185 1.192 c 12.60 12.80 0.496 0.503 d 4.10 n/a 0.157 0.157 e 4.10 4.30 0.161 0.169 f 24.40 25.40 0.960 1.023 g 7.80 8.20 0.307 0.322 j 14.9 15.0 0.586 0.594 k 0.75 0.85 0.029 0.033 l 1.95 2.05 0.076 0.078 m 8.9 9.1 0.350 0.358 n 11.8 12.2 0.464 0.480 heat sink mountable rf termonal shunt inverter motor braking pulse & plasma medium voltage
3R-100 100watt mountable non-inductive,high frequency resistors  #604 hyundai i-valley ,14-1 dang-dong , kunpo city, kyunggido, korea voice +82-31-429-6379 fax +82-31-429-9127 resistors@3rlab.com www.3rlab.com 2007?3rlab,inc. s pecifications d erating curve rated power or voltage%  5 40 55 70 85  00  5  30  45  55  0  00 80 60 40  0 tap temperature (?c) tolerance : 5%, 10% std. (1% ,2% custom) tcr : 100ppm/ std. power rating : 100w at 25 c tap temperature working voltage : less than 1kv rms ( higher voltage see "don-15" package device) resistance range : 1r to 5meg voltage proof : dielectric strength 4kvdc against ground inductance : 50 nh capacitance : 40pf working temp. range : -55c to +155c max. torque for contacts (static) : 1.3nm max. torque for base plate (static) : 1.5nm resistive material : thick film resistive substrates : alumina tap material : ni plated copper plates housing : emc terminal : tinned copper; 2-pin,3-pin,4-pin partial discharging : 2kv rms / 80pc cf.: the described specifcations & dimensions subject to change without notice. willow technologies ltd. shawlands court, newchapel road, lingfield, surrey, rh7 6bl, united kingdom. + 44 (0) 1342 835234 + 44 (0) 1342 834306 info@willow.co.uk http://www.willow.co.uk


▲Up To Search▲   

 
Price & Availability of 3R-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X